Part Number Hot Search : 
S9006K ER3461 224002 RX5VT AMP01FX ATA6824 34WECAK ECCM1
Product Description
Full Text Search
 

To Download BCW68GLT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
General Purpose Transistors
PNP Silicon
BCW68GLT1
3 COLLECTOR 1 BASE 1 2
3
2 EMITTER
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current -- Continuous Symbol V V V
CEO CBO EBO
Value - 45 - 60 - 5.0 - 800
Unit Vdc Vdc Vdc mAdc
CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
IC
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board, (1) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate, (2) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol PD Max 225 1.8 RJA PD 556 300 2.4 RJA TJ , Tstg 417 -55 to +150 Unit mW mW/C C/W mW mW/C C/W C
DEVICE MARKING
BCW68GLT1 = DH
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted.)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC = -10 mAdc, IB = 0 ) Collector-Emitter Breakdown Voltage (IC = -10 Adc, VEB = 0 ) Emitter-Base Breakdown Voltage (I E= -10 Adc, I C = 0) Collector Cutoff Current (VCE = -45 Vdc, I E= 0 ) (VCE = -45 Vdc, I B= 0 , TA = 150C) Emitter Cutoff Current (VEB = - 4.0 Vdc, I C = 0) 1. FR- 5 = 1.0 x 0.75 x 0.062 in. 2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. I EBO V (BR)CEO V (BR)CES V
(BR)EBO
- 45 - 60 - 5.0
-- -- --
-- -- --
Vdc Vdc Vdc
I CES -- -- -- -- -- -- - 20 - 10 - 20 nAdc Adc nAdc
M12-1/2
LESHAN RADIO COMPANY, LTD.
BCW68GLT1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (Continued)
Characteristic Symbol hFE 120 160 60 V CE(sat) V
BE(sat)
Min
Typ
Max
Unit --
ON CHARACTERISTICS
DC Current Gain ( IC= -10 mAdc, VCE = -1.0 Vdc ) ( IC= -100 mAdc, VCE = -1.0 Vdc ) ( IC= -300 mAdc, VCE = -1.0 Vdc ) Collector-Emitter Saturation Voltage ( IC = - 300 mAdc, IB = -30 mAdc ) Base-Emitter Saturation Voltage ( IC = - 500 mAdc, IB = -50 mAdc ) -- -- -- -- -- 400 -- -- - 1.5 - 2.0 Vdc Vdc
-- --
SMSMALL-SIGNAL CHARACTERISTICS
Current-Gain -- Bandwidth Product fT (I C = -20mAdc, V CE = -10 Vdc, f = 100 MHz) Output Capacitance C obo (V CB = - 10 Vdc, I E = 0, f = 1.0 MHz) Input Capacitance C ibo (V EB = -0.5 Vdc, I C = 0, f = 1.0 MHz) Noise Figure NF (V CE = - 5.0 Vdc, I C = - 0.2 mAdc, R S = 1.0 k, f = 1.0 kHz, BW = 200 Hz) 100 -- -- MHz
-- -- --
-- -- --
18 105 10
pF pF dB
M12-2/2


▲Up To Search▲   

 
Price & Availability of BCW68GLT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X